PART |
Description |
Maker |
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
CPH3307 |
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications N-Channel Silicon MOSFET
|
SANYO[Sanyo Semicon Device]
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
3HP04SS |
200 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
2SK2530 2SK2530TP-FA |
2000 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SK3521 2SK3521-01SJ 2SK3521-01S 2SK3521-01L |
N-CHANNEL SILICON POWER MOSFET From old datasheet system N-CHANNEL SILICON POWER MOSFET 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FUJI[Fuji Electric] Fuji Electric Holdings Co., Ltd.
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
2SK544E 2SK544D 2SK544 |
N-Channel Silicon MOSFET FM Tuner, VHF Amplifier Applications Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK
|
SANYO
|
SCH2807 |
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode
|
Sanyo Semicon Device
|